advanced power n-channel enhancement mode electronics corp. power mosfet low on-resistance bv dss 60v single drive requirement r ds(on) 36m surface mount package i d 25a description absolute maximum ratings symbol units v ds v v gs v i d @t c =25 a i d @t c =100 a i dm a p d @t c =25 w w/ t stg t j symbol value units rthj-c maximum thermal resistance, junction-case 3.2 /w rthj-a 40 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data and specifications subject to change without notice 201105254 rohs-compliant product 1 -55 to 150 -55 to 150 maximum thermal resistance, junction-ambient (pcb mount) 3 drain-source voltage 60 gate-source voltage + 20 continuous drain current, v gs @ 10v 25 parameter rating ap9971gs/p-hf continuous drain current, v gs @ 10v 16 linear derating factor 0.31 pulsed drain current 1 80 total power dissipation 39 thermal data parameter storage temperature range operating junction temperature range g d s advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. the to-263 package is widely preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. the through-hole version (ap9971gp) are available for low-profile applications. g d s to-263(s) g d s to-220(p)
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 60 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =18a - - 36 m ? v gs =4.5v, i d =12a - - 50 m ? v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 - 3 v g fs forward transconductance v ds =10v, i d =18a - 17 - s i dss drain-source leakage current v ds =60v, v gs =0v - - 10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =18a - 18 30 nc q gs gate-source charge v ds =48v - 6 - nc q gd gate-drain ("miller") charge v gs =4.5v - 11 - nc t d(on) turn-on delay time 2 v ds =30v - 9 - ns t r rise time i d =18a - 24 - ns t d(off) turn-off delay time r g =3.3 -26- ns t f fall time v gs =10v - 7 - ns c iss input capacitance v gs =0v - 1700 2700 pf c oss output capacitance v ds =25v - 160 - pf c rss reverse transfer capacitance f=1.0mhz - 110 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =25a, v gs =0v - - 1.2 v t rr reverse recovery time 2 i s =18a, v gs =0 v , - 37 - ns q rr reverse recovery charge di/dt=100a/s - 38 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 3.surface mounted on 1 in 2 copper pad of fr4 board ap9971gs/p-hf
a p9971gs/p-hf fig 1. typical output characteristics fig 2. typical output characteristics 0.31 t rr q rr fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 25 30 35 40 357911 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =18a t c =25 o c 0 20 40 60 80 100 012345 v ds , drain-to-source voltage (v) i d , drain current (a) v g =3.0v t c =25 o c 10v 7.0v 5.0v 4.5v 0 10 20 30 40 50 60 70 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c v g =3.0v 10v 7.0v 5.0v 4.5v 0.0 0.5 1.0 1.5 2.0 2.5 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) v g =10v i d =18a 0 4 8 12 16 20 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.6 1 1.4 1.8 2.2 2.6 -50 0 50 100 150 t j ,junction temperature ( o c) v gs(th) (v)
ap9971gs/p-hf fig 7. gate charge characteristics fig 8. typical capacitance characteristics 0.31 t rr q rr fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 10 100 1000 10000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f=1.0mhz c iss c rss c oss t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 4.5v q gs q gd q g charge 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.0 2 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.1 1 10 100 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 10us 100us 1ms 10ms 100ms dc 0 2 4 6 8 10 12 0 10203040 q g , total gate charge (nc) v gs , gate to source voltage (v) v ds =30v v ds =38v v ds =48v i d =18a
|